Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 212 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 212 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 216Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 483 page
background image
Peripherals
Each TEP implements a fork mechanism that enables a second task to be triggered at the same time as the
task specified in the TEP is triggered. This second task is configured in the task end point register in the
FORK registers groups, e.g. FORK.TEP[0] is associated with PPI channel CH[0].
There are two ways of enabling and disabling PPI channels:
• Enable or disable PPI channels individually using the CHEN, CHENSET, and CHENCLR registers.
• Enable or disable PPI channels in PPI channel groups through the groups’ ENABLE and DISABLE tasks.
Prior to these tasks being triggered, the PPI channel group must be configured to define which PPI
channels belong to which groups.
Note that when a channel belongs to two groups m and n, and the tasks CHG[m].EN and CHG[n].DIS occur
simultaneously (m and n can be equal or different), the CHG[m].EN on that channel has priority.
PPI tasks (for example, CHG[0].EN) can be triggered through the PPI like any other task, which means they
can be hooked to a PPI channel as a TEP. One event can trigger multiple tasks by using multiple channels
and one task can be triggered by multiple events in the same way.
6.11.1 Pre-programmed channels
Some of the PPI channels are pre-programmed. These channels cannot be configured by the CPU, but can
be added to groups and enabled and disabled like the general purpose PPI channels. The FORK TEP for
these channels are still programmable and can be used by the application.
For a list of pre-programmed PPI channels, see the table below.
Channel
EEP
TEP
20
TIMER0->EVENTS_COMPARE[0]
RADIO->TASKS_TXEN
21
TIMER0->EVENTS_COMPARE[0]
RADIO->TASKS_RXEN
22
TIMER0->EVENTS_COMPARE[1]
RADIO->TASKS_DISABLE
23
RADIO->EVENTS_BCMATCH
AAR->TASKS_START
24
RADIO->EVENTS_READY
CCM->TASKS_KSGEN
25
RADIO->EVENTS_ADDRESS
CCM->TASKS_CRYPT
26
RADIO->EVENTS_ADDRESS
TIMER0->TASKS_CAPTURE[1]
27
RADIO->EVENTS_END
TIMER0->TASKS_CAPTURE[2]
28
RTC0->EVENTS_COMPARE[0]
RADIO->TASKS_TXEN
29
RTC0->EVENTS_COMPARE[0]
RADIO->TASKS_RXEN
30
RTC0->EVENTS_COMPARE[0]
TIMER0->TASKS_CLEAR
31
RTC0->EVENTS_COMPARE[0]
TIMER0->TASKS_START
Table 47: Pre-programmed channels
6.11.2 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001F000
PPI
PPI
Programmable peripheral interconnect
Table 48: Instances
Register
Offset
Description
TASKS_CHG[0].EN
0x000
Enable channel group 0
TASKS_CHG[0].DIS
0x004
Disable channel group 0
TASKS_CHG[1].EN
0x008
Enable channel group 1
TASKS_CHG[1].DIS
0x00C
Disable channel group 1
TASKS_CHG[2].EN
0x010
Enable channel group 2
TASKS_CHG[2].DIS
0x014
Disable channel group 2
4430_161 v1.0
212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com