Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 214 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 214 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 218Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 483 page
background image
Peripherals
Register
Offset
Description
CHG[4]
0x810
Channel group 4
CHG[5]
0x814
Channel group 5
FORK[0].TEP
0x910
Channel 0 task end-point
FORK[1].TEP
0x914
Channel 1 task end-point
FORK[2].TEP
0x918
Channel 2 task end-point
FORK[3].TEP
0x91C
Channel 3 task end-point
FORK[4].TEP
0x920
Channel 4 task end-point
FORK[5].TEP
0x924
Channel 5 task end-point
FORK[6].TEP
0x928
Channel 6 task end-point
FORK[7].TEP
0x92C
Channel 7 task end-point
FORK[8].TEP
0x930
Channel 8 task end-point
FORK[9].TEP
0x934
Channel 9 task end-point
FORK[10].TEP
0x938
Channel 10 task end-point
FORK[11].TEP
0x93C
Channel 11 task end-point
FORK[12].TEP
0x940
Channel 12 task end-point
FORK[13].TEP
0x944
Channel 13 task end-point
FORK[14].TEP
0x948
Channel 14 task end-point
FORK[15].TEP
0x94C
Channel 15 task end-point
FORK[16].TEP
0x950
Channel 16 task end-point
FORK[17].TEP
0x954
Channel 17 task end-point
FORK[18].TEP
0x958
Channel 18 task end-point
FORK[19].TEP
0x95C
Channel 19 task end-point
FORK[20].TEP
0x960
Channel 20 task end-point
FORK[21].TEP
0x964
Channel 21 task end-point
FORK[22].TEP
0x968
Channel 22 task end-point
FORK[23].TEP
0x96C
Channel 23 task end-point
FORK[24].TEP
0x970
Channel 24 task end-point
FORK[25].TEP
0x974
Channel 25 task end-point
FORK[26].TEP
0x978
Channel 26 task end-point
FORK[27].TEP
0x97C
Channel 27 task end-point
FORK[28].TEP
0x980
Channel 28 task end-point
FORK[29].TEP
0x984
Channel 29 task end-point
FORK[30].TEP
0x988
Channel 30 task end-point
FORK[31].TEP
0x98C
Channel 31 task end-point
Table 49: Register Overview
6.11.2.1 CHEN
Address offset: 0x500
Channel enable register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CH0
Enable or disable channel 0
Disabled
0
Disable channel
Enabled
1
Enable channel
B
RW CH1
Enable or disable channel 1
Disabled
0
Disable channel
Enabled
1
Enable channel
C
RW CH2
Enable or disable channel 2
4430_161 v1.0
214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com