Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 265 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 265 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 261Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 262Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 263Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 268Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 269Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 483 page
background image
Peripherals
Register
Offset
Description
SEQ[1].ENDDELAY
0x54C
Time added after the sequence
PSEL.OUT[0]
0x560
Output pin select for PWM channel 0
PSEL.OUT[1]
0x564
Output pin select for PWM channel 1
PSEL.OUT[2]
0x568
Output pin select for PWM channel 2
PSEL.OUT[3]
0x56C
Output pin select for PWM channel 3
Table 53: Register Overview
6.12.5.1 SHORTS
Address offset: 0x200
Shortcut register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW SEQEND0_STOP
Shortcut between SEQEND[0] event and STOP task
See EVENTS_SEQEND[0] and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
B
RW SEQEND1_STOP
Shortcut between SEQEND[1] event and STOP task
See EVENTS_SEQEND[1] and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
C
RW LOOPSDONE_SEQSTART0
Shortcut between LOOPSDONE event and SEQSTART[0] task
See EVENTS_LOOPSDONE and TASKS_SEQSTART[0]
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
D
RW LOOPSDONE_SEQSTART1
Shortcut between LOOPSDONE event and SEQSTART[1] task
See EVENTS_LOOPSDONE and TASKS_SEQSTART[1]
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
E
RW LOOPSDONE_STOP
Shortcut between LOOPSDONE event and STOP task
See EVENTS_LOOPSDONE and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
6.12.5.2 INTEN
Address offset: 0x300
Enable or disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
H G F E D C B
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
B
RW STOPPED
Enable or disable interrupt for STOPPED event
See EVENTS_STOPPED
Disabled
0
Disable
4430_161 v1.0
265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com