Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 269 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 269 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 268Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 269Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 270Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 271Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 273Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW UPDOWN
Selects up or up and down as wave counter mode
Up
0
Up counter - edge aligned PWM duty-cycle
UpAndDown
1
Up and down counter - center aligned PWM duty cycle
6.12.5.7 COUNTERTOP
Address offset: 0x508
Value up to which the pulse generator counter counts
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A
Reset 0x000003FF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW COUNTERTOP
[3..32767]
Value up to which the pulse generator counter counts. This
register is ignored when DECODER.MODE=WaveForm and
only values from RAM will be used.
6.12.5.8 PRESCALER
Address offset: 0x50C
Configuration for PWM_CLK
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW PRESCALER
Pre-scaler of PWM_CLK
DIV_1
0
Divide by 1 (16MHz)
DIV_2
1
Divide by 2 ( 8MHz)
DIV_4
2
Divide by 4 ( 4MHz)
DIV_8
3
Divide by 8 ( 2MHz)
DIV_16
4
Divide by 16 ( 1MHz)
DIV_32
5
Divide by 32 ( 500kHz)
DIV_64
6
Divide by 64 ( 250kHz)
DIV_128
7
Divide by 128 ( 125kHz)
6.12.5.9 DECODER
Address offset: 0x510
Configuration of the decoder
4430_161 v1.0
269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com