Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 270 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 270 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 268Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 269Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 270Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 271Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 274Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW LOAD
How a sequence is read from RAM and spread to the
compare register
Common
0
1st half word (16-bit) used in all PWM channels 0..3
Grouped
1
1st half word (16-bit) used in channel 0..1; 2nd word in
channel 2..3
Individual
2
1st half word (16-bit) in ch.0; 2nd in ch.1; ...; 4th in ch.3
WaveForm
3
1st half word (16-bit) in ch.0; 2nd in ch.1; ...; 4th in
COUNTERTOP
B
RW MODE
Selects source for advancing the active sequence
RefreshCount
0
SEQ[n].REFRESH is used to determine loading internal
compare registers
NextStep
1
NEXTSTEP task causes a new value to be loaded to internal
compare registers
6.12.5.10 LOOP
Address offset: 0x514
Amount of playback of a loop
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CNT
Amount of playback of pattern cycles
Disabled
0
Looping disabled (stop at the end of the sequence)
6.12.5.11 SEQ[0].PTR
Address offset: 0x520
Beginning address in Data RAM of this sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW PTR
Beginning address in Data RAM of this sequence
6.12.5.12 SEQ[0].CNT
Address offset: 0x524
Amount of values (duty cycles) in this sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CNT
Amount of values (duty cycles) in this sequence
Disabled
0
Sequence is disabled, and shall not be started as it is empty
4430_161 v1.0
270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com