Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 281 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 281 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 277Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 278Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 279Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 280Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 285Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
256us
1
256 us
512us
2
512 us
1024us
3
1024 us
2048us
4
2048 us
4096us
5
4096 us
8192us
6
8192 us
16384us
7
16384 us
32ms
8
32768 us
65ms
9
65536 us
131ms
10
131072 us
6.13.7.7 SAMPLE
Address offset: 0x50C
Motion sample value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
SAMPLE
[-1..2]
Last motion sample
The value is a 2's complement value, and the sign gives the
direction of the motion. The value '2' indicates a double
transition.
6.13.7.8 REPORTPER
Address offset: 0x510
Number of samples to be taken before REPORTRDY and DBLRDY events can be generated
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW REPORTPER
Specifies the number of samples to be accumulated in the
ACC register before the REPORTRDY and DBLRDY events can
be generated
The report period in [us] is given as: RPUS = SP * RP Where
RPUS is the report period in [us/report], SP is the sample
period in [us/sample] specified in SAMPLEPER, and RP is the
report period in [samples/report] specified in REPORTPER .
10Smpl
0
10 samples / report
40Smpl
1
40 samples / report
80Smpl
2
80 samples / report
120Smpl
3
120 samples / report
160Smpl
4
160 samples / report
200Smpl
5
200 samples / report
240Smpl
6
240 samples / report
4430_161 v1.0
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com