Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 282 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 282 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 278Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 279Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 280Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 286Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
280Smpl
7
280 samples / report
1Smpl
8
1 sample / report
6.13.7.9 ACC
Address offset: 0x514
Register accumulating the valid transitions
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
ACC
[-1024..1023]
Register accumulating all valid samples (not double
transition) read from the SAMPLE register
Double transitions ( SAMPLE = 2 ) will not be accumulated
in this register. The value is a 32 bit 2's complement value.
If a sample that would cause this register to overflow or
underflow is received, the sample will be ignored and an
overflow event ( ACCOF ) will be generated. The ACC register
is cleared by triggering the READCLRACC or the RDCLRACC
task.
6.13.7.10 ACCREAD
Address offset: 0x518
Snapshot of the ACC register, updated by the READCLRACC or RDCLRACC task
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
ACCREAD
[-1024..1023]
Snapshot of the ACC register.
The ACCREAD register is updated when the READCLRACC or
RDCLRACC task is triggered
6.13.7.11 PSEL.LED
Address offset: 0x51C
Pin select for LED signal
4430_161 v1.0
282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com