Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 286 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 286 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 290Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 483 page
background image
Peripherals
in RAM will always be rounded up to the next full byte size (for instance 3 bit length will allocate 1 byte in
RAM, 9 bit length will allocate 2 bytes, etc.).
The sizes of the fields S0, LENGTH and S1 can be individually configured by the S0LEN, LFLEN and S1LEN
fields of the PCNF0 register respectively. The size of the payload is configured through the value in RAM
corresponding to the LENGTH field. The size of the static add-on to the payload is configured through the
STATLEN field in PCNF1 register.
The MAXLEN field in the PCNF1 register configures the maximum packet payload plus add-on size in
number of bytes that can be transmitted or received by the RADIO. This feature can be used to ensure that
the RADIO does not overwrite, or read beyond, the RAM assigned to the packet payload. This means that
if the packet payload length defined by the PCNF1.STATLEN and the LENGTH field in the packet specify a
packet larger than MAXLEN, the payload will be truncated at MAXLEN. The packet's LENGTH field will not
be altered when the payload is truncated. The RADIO will calculate CRC as if the packet length is equal to
MAXLEN.
Important: Note that MAXLEN includes the size of the payload and the add-on, but excludes the
size occupied by the fields S0, LENGTH and S1. This has to be taken into account when allocating
RAM.
6.14.2 Packet configuration
RADIO packet contains the following fields: PREAMBLE, ADDRESS, S0, LENGTH, S1, PAYLOAD and CRC.
The content of a RADIO packet is illustrated in On-air packet layout on page 286. The RADIO sends the
different fields in the packet in the order they are illustrated below, from left to right:
BASE
PREFIX
S0
LENGTH
S1
CRC
PAYLOAD
LSByte
MSByte
LSByte
ADDRESS
0x55
0xAA
PREAMBLE
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
Figure 58: On-air packet layout
PREAMBLE is sent with least significant bit first on-air. For all modes that can be specified in the MODE
register, the PREAMBLE is one byte long. If the first bit of the ADDRESS is 0, the PREAMBLE is set to 0xAA.
Otherwise the PREAMBLE is set to 0x55.
Not shown in the figure above is the static payload add-on (the length of which is defined in
PCNF1.STATLEN, and which is 0 bytes long in a standard BLE packet). The static payload add-on is sent
between the PAYLOAD and CRC fields.
The RADIO packets are stored in memory, inside instances of a radio packet data structure as illustrated in
In-RAM representation of radio packet - S0, LENGTH and S1 are optional on page 286. The PREAMBLE,
ADDRESS and CRC fields are omitted in this data structure.
S0
LENGTH
S1
PAYLOAD
0
n
LSByte
Figure 59: In-RAM representation of radio packet - S0, LENGTH and S1 are optional
The byte ordering on the air is always:
4430_161 v1.0
286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com