Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 321 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 321 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 325Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
VALUE
[0..255]
Generated random number
6.15.4 Electrical specification
6.15.4.1 RNG Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tRNG,START
Time from setting the START task to generation begins.
This is a one-time delay on START signal and does not apply
between samples.
128
µs
tRNG,RAW
Run time per byte without bias correction. Uniform
distribution of 0 and 1 is not guaranteed.
30
µs
tRNG,BC
Run time per byte with bias correction. Uniform distribution
of 0 and 1 is guaranteed. Time to generate a byte cannot be
guaranteed.
120
µs
6.16 RTC — Real-time counter
The Real-time counter (RTC) module provides a generic, low power timer on the low-frequency clock
source (LFCLK).
RTC
32.768 kHz
CC[0:3]
PRESCALER
COUNTER
task
CLEAR
task
TRIGOVRFLW
event
TICK
event
OVRFLW
event
COMPARE[0..N]
task
START
task
STOP
Figure 75: RTC block schematic
The RTC module features a 24-bit COUNTER, a 12-bit (1/X) prescaler, capture/compare registers, and a tick
event generator for low power, tickless RTOS implementation.
6.16.1 Clock source
The RTC will run off the LFCLK.
The COUNTER resolution will therefore be 30.517 μs. Depending on the source, the RTC is able to run
while the HFCLK is OFF and PCLK16M is not available.
The software has to explicitely start LFCLK before using the RTC.
4430_161 v1.0
321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com