Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 322 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 322 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 326Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 483 page
background image
Peripherals
See CLOCK — Clock control on page 83 for more information about clock sources.
6.16.2 Resolution versus overflow and the PRESCALER
Counter increment frequency:
fRTC [kHz] = 32.768 / (PRESCALER + 1 )
The PRESCALER register is read/write when the RTC is stopped. The PRESCALER register is read-only once
the RTC is STARTed. Writing to the PRESCALER register when the RTC is started has no effect.
The PRESCALER is restarted on START, CLEAR and TRIGOVRFLW, that is, the prescaler value is latched to an
internal register (<<PRESC>>) on these tasks.
Examples:
1. Desired COUNTER frequency 100 Hz (10 ms counter period)
PRESCALER = round(32.768 kHz / 100 Hz) - 1 = 327
fRTC = 99.9 Hz
10009.576 μs counter period
2. Desired COUNTER frequency 8 Hz (125 ms counter period)
PRESCALER = round(32.768 kHz / 8 Hz) – 1 = 4095
fRTC = 8 Hz
125 ms counter period
Prescaler
Counter resolution
Overflow
0
30.517 μs
512 seconds
28-1
7812.5 μs
131072 seconds
212-1
125 ms
582.542 hours
Table 64: RTC resolution versus overflow
6.16.3 COUNTER register
The COUNTER increments on LFCLK when the internal PRESCALER register (<<PRESC>>) is 0x00.
<<PRESC>> is reloaded from the PRESCALER register. If enabled, the TICK event occurs on each increment
of the COUNTER. The TICK event is disabled by default.
SysClk
LFClk
PRESC
<<PRESC>>
0x000
0x000
0x000
0x000
TICK
COUNTER
0x000002
0x000003
0x000
0x000001
0x000000
Figure 76: Timing diagram - COUNTER_PRESCALER_0
4430_161 v1.0
322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com