Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 326 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 326 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 328Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 329Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 330Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 483 page
background image
Peripherals
SysClk
LFClk
PRESC
COUNTER
CC[0]
COMPARE[0]
0x000
N-2
N-1
N
N+1
0
X
N+1
>= 0
Figure 83: Timing diagram - COMPARE_N+1
• If the COUNTER is N and the current CC register value is N+1 or N+2 when a new CC value is written, a
match may trigger on the previous CC value before the new value takes effect. If the current CC value
greater than N+2 when the new value is written, there will be no event due to the old value.
SysClk
LFClk
PRESC
COUNTER
CC[0]
COMPARE[0]
0x000
N-2
N-1
N
N+1
0
1
N
X
>= 0
Figure 84: Timing diagram - COMPARE_N-1
6.16.8 TASK and EVENT jitter/delay
Jitter or delay in the RTC is due to the peripheral clock being a low frequency clock (LFCLK) which is not
synchronous to the faster PCLK16M.
Registers in the peripheral interface, part of the PCLK16M domain, have a set of mirrored registers in the
LFCLK domain. For example, the COUNTER value accessible from the CPU is in the PCLK16M domain and
is latched on read from an internal register called COUNTER in the LFCLK domain. COUNTER is the register
which is actually modified each time the RTC ticks. These registers must be synchronised between clock
domains (PCLK16M and LFCLK).
The following is a summary of the jitter introduced on tasks and events. Figures illustrating jitter follow.
Task
Delay
CLEAR, STOP, START, TRIGOVRFLOW
+15 to 46 μs
Table 65: RTC jitter magnitudes on tasks
4430_161 v1.0
326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com