Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 39 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 39 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 43Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Hardware and layout
Pin
Name
Function
Description
1
OTPVDD
Power
2
N.C.
Do not connect
3
N.C.
Do not connect
4
N.C.
Do not connect
5
N.C.
Do not connect
6
N.C.
Do not connect
7
TXRF<1>
RF
5 GHz
8
PAVDD<1>
Power
9
TXRF<0>
RF
2.4 GHz
10
PAVDD<0>
Power
11
SXLDO
Power
12
PALDO
Power
13
VBAT
Power
14
RFVDD
Power
15
RFBUCKVDD
Power
16
XOLDO
Power
17
XOP
Analog input
40 MHz crystal (or TCXO output if using an external
TCXO)
18
XON
Analog input
40 MHz crystal (or N.C. if using an external TCXO)
19
AFELDO
Power
20
AFEVBAT
Power
21
N.C.
Do not connect
22
N.C.
Do not connect
23
N.C.
Do not connect
24
N.C.
Do not connect
25
BUCKVBAT
Power
26
BUCKOUT
Power
DCDC output
27
BUCKVSS
Power
DCDC GND
28
BUCKVSS
Power
DCDC GND
29
BUCKVMID
Power
Voltage reference decoupling pin
30
BUCKEN
Digital I/O
PWR IP enable pin
31
BUCKVBATS
Power
32
PWRBUCKVDD
Power
33
DIGVDD
Power
34
PWRIOVDD
Power
4486_184 v1.2
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com