Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 51 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 51 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 55Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
Hardware and layout
Figure 30: Bottom layer
14.3.5 Supply sequencing requirements
The various supplies and BUCKEN need to be sequenced in order with delay requirements.
The power up sequence and requirements are:
• Supply VBAT/BUCKVBAT/BUCKVBATS/AFEVBAT
• Wait ≥ 6 ms
• Assert BUCKEN
• Wait ≥ 1 ms
• Supply IOVDD
PWRIOVDD is an internally generated supply, used for supplying OTPVDD through an external connection.
It cannot be used for anything else. This supply is automatically controlled in the device.
The power-down sequence and requirements are:
• De-assert BUCKEN and power down IOVDD
• Power down VBAT
There are no specific timing delay requirements as long as the sequence is correct.
14.3.6 Supply system alternatives
nRF7002 can be powered up/down from a host dynamically. This dynamic control uses the BUCKEN pin
and an external switch to control the IOVDD supply. Both the BUCKEN pin and the external switch control
are driven from a GPIO on the host, controlled by the Wi-Fi driver.
There are two options (high voltage and normal voltage) for connecting nRF7002 to an nRF5340 host,
supporting dynamic powerup/powerdown of the nRF7002. This dynamic control utilises an external switch
to control the IOVDD supply.
The following figure shows the recommended connection between nRF7002 and the host MCU (nRF5340).
4486_184 v1.2
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com