Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
Hardware and layout
Pin
Name
Function
Description
J5
BUCKEN
Digital I/O
PWR IP enable pin
K11
XOP
Analog input
40 MHz crystal (or TCXO output if using an external
TCXO)
L11
XON
Analog input
40 MHz crystal (or N.C. if using an external TCXO)
A3
QSPI_DATA2
Digital I/O
QSPI data
A9
SW_CTRL1
Digital I/O
External switch control
A11
COEX_GRANT
Digital I/O
Coex interface
A16
SW_CTRL0
Digital I/O
External switch control
B2
QSPI_DATA0
SPI_MOSI
Digital I/O
QSPI data
SPI data
B4
QSPI_DATA1
SPI_MISO
Digital I/O
QSPI data
SPI data
B6
QSPI_DATA3
Digital I/O
QSPI data
A5
COEX_REQ
Digital I/O
Coex interface
B10
HOST_IRQ
Digital I/O
Host processor interrupt request
B12
IOVDD
Power
B8
COEX_STATUS0
Digital I/O
Coex interface
C1
QSPI_CLK
SPI_CLK
Digital I/O
QSPI Clock
SPI Clock
C3
QSPI_SS
SPI_SS
Digital I/O
QSPI Slave select
SPI Slave select
K3
BUCKOUT
Power
DCDC output
L1
BUCKVBAT
Power
J1
BUCKVSSS
Power
DCDC silent GND. Must be connected to global
ground (VSS) for proper device operation.
K1
BUCKVSS
Power
DCDC GND
B17
OTPVDD
Power
D3
PWRIOVDD
Power
E16
PAVDD<1>
Power
F1
DIGVDD
Power
F3
PWRBUCKVDD
Power
F5
BUCKVBATS
Power
J11
XOLDO
Power
J14
PAVDD<0>
Power
J3
BUCKVMID
Power
Voltage reference decoupling pin
J9
AFELDO
Power
4486_184 v1.2
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com