Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 30 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 30 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
FICR - Factory Information Configuration Registers
10.1.5 REGION.PROTECT[n] (n=0..3)
Address offset: 0x100 + (n × 0x4)
Region protection
Used to set access restrictions for FICR. Refer to description in top of chapter. All 4 registers need to be set
to the same value to change protection state.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
RW VALUE
Protection value
Undefined
0xFFFFFFFF
Undefined
Open
0x50FA50FA
Open
Restricted
0x00000000
Restricted
10.1.6 QSPI.KEY[n] (n=0..3)
Address offset: 0x110 + (n × 0x4)
QSPI link symmetric encryption key (ENC.KEY)
KEY[0] represent key bits 31:0, KEY[1] is bits 63:32, KEY[2] is bits 95:64, KEY[3] is bits 127:96
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
RW KEY
QSPI link symmetric encryption key
10.1.7 MAC[n].ADDRESS0 (n=0..1)
Address offset: 0x120 + (n × 0x8)
MAC address for VIFn
Most significant 4 bytes of MAC address b6:b5:b4:b3:b2:b1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D D D D D C C C C C C C C B B B B B B B B A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
R
b6
6th byte (b6) of MAC address
B
R
b5
5th byte (b5) of MAC address
C
R
b4
4th byte (b4) of MAC address
D
R
b3
3rd byte (b3) of MAC address
10.1.8 MAC[n].ADDRESS1 (n=0..1)
Address offset: 0x124 + (n × 0x8)
MAC address for VIFn
Least significant 2 bytes of MAC address b6:b5:b4:b3:b2:b1
4486_184 v1.2
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com