Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 34 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 34 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
13 Electrical specification
This section provides a summary of nRF7002 electrical specifications.
VDD supply voltage is 3.6 V and operating temperature is 25°C unless otherwise noted.
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
fOP,2.4GHz
Operating frequencies 2.4 GHz
2401
2495
MHz
fOP,5GHz
Operating frequencies 5 GHz
5170
5490
5735
5330
5730
5895
MHz
U-NII-1/U-NII-2A sub-bands
U-NII-2C sub-band
U-NII-3/U-NII-4 sub-bands
fMOD,MIN
Minimum modulation rate
1DSSS
6 Mbps
2.4 GHz
5 GHz
fMOD,MAX
Maximum modulation rate
MCS7
fTOL
Crystal frequency tolerance at 25°C1
20
ppm
fSTA,TEMP
Crystal frequency stability over temperature and aging
13
ppm
CL_XO
XO load capacitance
8
pF
ESRXO
Equivalent Series Resistance
100
ohm
tSHUTDOWN→ACTIVE Startup time from shutdown state
400
ms
Depends on patch size and interface speed
tSLEEP→ACTIVE
Startup time from sleep state
6.7
ms
Table 13: General characteristics
1 Tolerance before calibration. See Clock accuracy considerations on page 12 for more information.
4486_184 v1.2
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com