Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 40 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 40 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 44Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
Hardware and layout
Pin
Name
Function
Description
35
QSPI_CLK
SPI_CLK
Digital I/O
QSPI Clock
SPI Clock
36
QSPI_SS
SPI_SS
Digital I/O
QSPI Slave select
SPI Slave select
37
QSPI_DATA0
SPI_MOSI
Digital I/O
QSPI data
SPI data
38
QSPI_DATA1
SPI_MISO
Digital I/O
QSPI data
SPI data
39
QSPI_DATA2
Digital I/O
QSPI data
40
QSPI_DATA3
Digital I/O
QSPI data
41
COEX_STATUS0
Digital I/O
Coex interface
42
COEX_REQ
Digital I/O
Coex interface
43
COEX_GRANT
Digital I/O
Coex interface
44
SW_CTRL0
Digital I/O
External switch control
45
SW_CTRL1
Digital I/O
External switch control
46
HOST_IRQ
Digital I/O
Host processor interrupt request
47
VSS
Power
48
IOVDD
Power
49 (Die
pad)
VSS
Power
Ground pad. Exposed die pad must be connected to
ground (VSS) for proper device operation.
Table 24: Pin assignments (QFN package)
14.1.2 Pin assignment for the nRF7002 WLCSP package
Figure 18: Pin assignments for the WLCSP package.
4486_184 v1.2
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com