Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Hardware and layout
Designator
Value
Description
Note
U1
nRF7002-
CEAA
Wi-Fi 6 Dual Band companion chip WLCSP
F1
Signal Conditioning 2.4GHz and 5GHz Diplexer
X1
40 MHz
Crystal SMD 1612, 40 MHz, Cl=8 pF
ESR max 100 Ω
L1
3.3 µH
Inductor, 1 A, ±20%, 200 mΩ
C1, C2, C6,
C11
4.7 µF
Capacitor, Ceramic, 4.7 µF 25 V X6S 0603, ±10% Place C1 close to
BUCKVBAT pin
Place C2 close to inductor
L1
Place C11 close to PALDO
pin
C3
0.22 uF
Capacitor, Ceramic, 0.22 µF 10 V X5R 0201,
±10%
Place C3 close to
RFBUCKVDD pin
C4, C14
0.47 uF
Capacitor, Ceramic, 0.47 µF 6.3 V X5R 0201,
±10%
Place C4 close to
PWRBUCKVDD pin
C5
1.0 µF
Capacitor, Ceramic, 1.0 µF 35 V X5R 0402, ±10%
C7
2.2 µF
Capacitor, Ceramic, 2.2 µF 16 V X7S 0603, ±10% Place C7 close to
BUCKVBATS pin
C8
10 nF
Capacitor, Ceramic, 10 nF 16 V X7R 0201, ±10%
C9, C18
2.2 µF
Capacitor, Ceramic, 2.2 µF 25 V X5R 0402, ±10%
C10
1.0 µF
Capacitor, Ceramic, 1.0 µF 16 V X6S 0402, ±10%
C12, C17
100 nF
Capacitor, Ceramic, 100 nF 16 V X7S 0201,
±10%
Place C12 close to
PAVDD0 pin
C13
22 nF
Capacitor, Ceramic, 22 nF 10 V X5R 0201, ±10%
C15
2.2 µF
Capacitor, Ceramic, 2.2 µF 10 V X5R 0201, ±10%
C16
1.0 µF
Capacitor, Ceramic, 1.0 µF 10 V X7S 0402, ±10%
Table 29: BOM for nRF7002 (WLCSP)
14.3.4 PCB layout example (WLCSP)
The PCB layout in this section is a reference layout for the WLCSP package.
It is highly recommended to use the layout example as presented with the following boundary
clarifications:
• Keep the antenna connection short.
• Connect VBAT supply to component
C6 in the bottom layer.
• Connect IOVDD supply to component
C18 in the bottom layer.
• Preferred stack up for wlcsp board is 1 mm.
4486_184 v1.2
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com