Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 36 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 36 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
Electrical specification
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
ITX,1DSSS,2.4GHz
Transmit current (2.4 GHz, 1DSSS, max output power)
252
mA
ITX,MCS0,2.4GHz
Transmit current (2.4 GHz, MCS0, max output power)
187
mA
ITX,MCS7,2.4GHz
Transmit current (2.4 GHz, MCS7, max output power)
191
mA
ITX,MCS0,5GHz
Transmit current (5 GHz, MCS0, max output power)
260
mA
ITX,MCS7,5GHz
Transmit current (5 GHz, MCS7, max output power)
260
mA
Table 16: Transmit current consumption (QFN package)
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
PTXMAX,2.4GHz,DSSS/CCK
Maximum transmit power 2.4 GHz (DSSS/CCK)
20
dBm
PTXMAX,2.4GHz,MCS0
Maximum transmit power 2.4 GHz (6 Mbps/HT-
MCS0/HE-MCS0)
15
dBm
PTXMAX,2.4GHz,MCS7
Maximum transmit power 2.4 GHz (54 Mbps/HT-
MCS7/HE-MCS7)
15
dBm
PTXMAX,5GHz,MCS0
Maximum transmit power 5 GHz (6 Mbps/HT-
MCS0/VHT-MCS0/HE-MCS0)
13
dBm
PTXMAX,5GHz,MCS7
Maximum transmit power 5 GHz (54 Mbps/HT-
MCS7/VHT-MCS7/HE-MCS7)
13
dBm
Table 17: Transmitter characteristics (QFN package)
Frequency band
-40C<TA<=-20C
-20C<TA<=0C
0C<TA<=60C
60C<TA<=85C
2.4GHz
0dB
0dB
0dB
-1dB
5GHz
-2dB
-1dB
0dB
-2dB
Table 18: Transmitter power variation over temperature (QFN package)
Frequency band
2.9V<VBAT<=3.1V
3.1V<VBAT<=3.4V
3.4V<VBAT<=4.5V
2.4GHz
-1dB
0dB
0dB
5GHz
-2dB
-1dB
0dB
Table 19: Transmitter power variation over supply voltage (QFN package)
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
ITX,1DSSS,2.4GHz
Transmit current (2.4 GHz, 1DSSS, max output power)
181
mA
ITX,MCS0,2.4GHz
Transmit current (2.4 GHz, MCS0, max output power)
174
mA
ITX,MCS7,2.4GHz
Transmit current (2.4 GHz, MCS7, max output power)
174
mA
ITX,MCS0,5GHz
Transmit current (5 GHz, MCS0, max output power)
261
mA
ITX,MCS7,5GHz
Transmit current (5 GHz, MCS7, max output power)
262
mA
Table 20: Transmit current consumption (WLCSP package)
4486_184 v1.2
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com