Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 18 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 18 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 22Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Quad Serial Peripheral Interface
Byte 1
Byte 2
Byte 3
SCK
CSN
IO0
IO1
IO2
IO3
Hi-Z
Command – 5h
Status Register out
0 1 2 3 4 5 6 7
1 2 3 4 5 6 7
0
1
0
7 6 5 4 3 2 1 0 7 6
Figure 6: RDSR (Read status register 0)
The following figure shows the timing diagram for the cipher initialization command.
Byte 1
Byte 2
Byte 3
SCK
CSN
IO0
IO1
IO2
IO3
Hi-Z
Command – 4Fh
NONCE CFG
0 1 2 3 4 5 6 7
1 2 3 4 5 6 7
0
1
0
7 6 5 4 3 2 1 0 7 6
Figure 7: CIPHER INIT (Initialize cipher)
The following figures show the timing diagram for the data read and program commands.
Byte 1
Byte 2, 3, 4
Byte 5
Byte 6
Byte 7
SCK
CSN
IO0
IO1
IO2
IO3
Hi-Z
Command – 0Bh
24-bit
address
0 1 2 3 4 5 6 7 0 1 2 3
8 dummy bits
21 22 23
1 2 3 4 5 6 7
0
1 2 3 4 5 6 7
0
1
0
23
7 6 5 4 3 2 1 0 7 6
22 21 20
2 1 0
1
Data in
2
Figure 8: FASTREAD (Read bytes at higher speed)
4486_184 v1.2
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com