Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 35 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 35 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
Electrical specification
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
IRX,2.4GHz
Receive current listen (2.4 GHz)
60
mA
IRX,5GHz
Receive current listen (5 GHz)
56
mA
I2.4GHz,DTIM1
Average current consumption (2.4GHz,DTIM=1, beacon
duration 3.8 ms)
3.47
mA
I2.4GHz,DTIM3
Average current consumption (2.4GHz,DTIM=3, beacon
duration 3.8 ms)
1.12
mA
I2.4GHz,DTIM10
Average current consumption (2.4GHz,DTIM=10,
beacon duration 3.8 ms)
0.34
mA
I5GHz,DTIM1
Average current consumption (5GHz,DTIM=1, beacon
duration 0.7 ms)
1.70
mA
I5GHz,DTIM3
Average current consumption (5GHz,DTIM=3, beacon
duration 0.7 ms)
0.56
mA
I5GHz,DTIM10
Average current consumption (5GHz,DTIM=10, beacon
duration 0.7 ms)
0.19
mA
I2.4GHz,TWT,1 min
Average current consumption (2.4GHz, TWT, target
wake interval 1 min)2
29.5
uA
I2.4GHz,TWT,1 hour
Average current consumption (2.4GHz, TWT, target
wake interval 1 hour)2
18.4
uA
I2.4GHz,TWT,1 day
Average current consumption (2.4GHz, TWT, target
wake interval 1 day)2
18.2
uA
I5GHz,TWT,1 min
Average current consumption (5GHz, TWT, target wake
interval 1 min)2
28.9
uA
I5GHz,TWT,1 hour
Average current consumption (5GHz, TWT, target wake
interval 1 hour)2
18.2
uA
I5GHz,TWT,1 day
Average current consumption (5GHz, TWT, target wake
interval 1 day)2
18.0
uA
IOFF
Shutdown current
1.7
µA
ISLEEP
Sleep current (with RTC)
15
µA
ISCAN
Average current consumption during scan operation
60
mA
The exact current depends on the number of
APs detected during scan. The value quoted
aligns with ~100 APs.
Table 14: Current consumption
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
PSENS,2.4GHz,1DSSS
Sensitivity 2.4GHz (1 Mbps DSSS)
-98.6
dBm
PSENS,2.4GHz,11CCK
Sensitivity 2.4GHz (11 Mbps CCK)
-90.4
dBm
PSENS,2.4GHz,6MBPS
Sensitivity 2.4GHz (6 Mbps)
-91.6
dBm
PSENS,2.4GHz,54MBPS
Sensitivity 2.4GHz (54 Mbps)
-75.4
dBm
PSENS,2.4GHz,HT-MCS0
Sensitivity 2.4GHz (HT-MCS0)
-90.0
dBm
PSENS,2.4GHz,HT-MCS7
Sensitivity 2.4GHz (HT-MCS7)
-71.5
dBm
PSENS,5GHz,VHT-MCS0
Sensitivity 5.0GHz (VHT-MCS0)
-89.3
dBm
PSENS,5GHz,VHT-MCS7
Sensitivity 5.0GHz (VHT-MCS7)
-71.0
dBm
PSENS,5GHz,HE-MCS0
Sensitivity 5.0GHz (HE-MCS0)
-89.3
dBm
PSENS,5GHz,HE-MCS7
Sensitivity 5.0GHz (HE-MCS7)
-70.6
dBm
Table 15: Receiver characteristics
2 Min wake duration 8.192 ms, transmit packet duration 100 µs.
4486_184 v1.2
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com