Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
Quad Serial Peripheral Interface
Byte 1
SCK
CSN
IO0
IO1
IO2
IO3
Hi-Z
Command – EBh
24-bit address
4 dummy
bits
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1
21
20
7 3 7 3 7 3 7 3 7
6 2 6 2 6 2 6 2 6
5 1 5 1 5 1 5 1 5
4 0 4 0 4 0 4 0 4
3
2 zeros
1
2
3
4
5
Data in
16 12 8 4 0
17 13 9 5 1
22 18 14 10 6 2
23 19 15 11 7
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
6
7
Figure 9: READ4IO (Quad-read input/output)
Byte 1
Byte 2, 3, 4
Byte 5
Byte 6
Byte 7
SCK
CSN
IO0
IO1
IO2
IO3
Hi-Z
Command – 02h
24-bit
address
0 1 2 3 4 5 6 7 0 1 2 3
1
3
21 22 23
1 2 3 4 5 6 7
0
1 2 3 4 5 6 7
0
1
0
23 22 21 20
2 1 0
2
7 6 5 4 3 2 1 0
7 6
7 6 5 4 3 2 1 0
Data out
Figure 10: PP (Page program)
Byte 1
SCK
CSN
IO0
IO1
IO2
IO3
Hi-Z
Command – 38h
24-bit address
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1
21
20
3
1
2
3
4
5
Data out
16 12 8 4 0
17 13 9 5 1
22 18 14 10 6 2
23 19 15 11 7
6
7
0
4
0
4
0
4
0
4
0
4
0
4
0
4
0
4
0
4
0
4
1
5
1
5
1
5
1
5
1
5
1
5
1
5
1
5
1
5
1
5
2
6
2
6
2
6
2
6
2
6
2
6
2
6
2
6
2
6
2
6
3
7
3
7
3
7
3
7
3
7
3
7
3
7
3
7
3
7
3
7
8
9
10
Figure 11: PP4IO (Quad-page program input/output)
7.2 Stream cipher
The data transactions between the master and the slave can be protected using stream cipher encryption.
Encryption can be configured and enabled with the CIPHER_INIT command. The encryption key
(ENC.KEY[127:0]) is stored in QSPI.KEY.
The following figure shows the stream cipher block with the configuration inputs. The stream cipher uses
an AES 128 encryption operation to form the keystream from key, nonce, and external memory address.
The keystream then combines each 32-bit plaintext digit one at a time with the corresponding digit of the
keystream.
4486_184 v1.2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com