Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 56 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 56 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 60Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
Ordering information
Abbreviation
Definition and implemented codes
N70/nRF70
nRF70 series product
02
Part code
<PP>
Package variant code
<VV>
Function variant code
<H><P><F>
Build code
H - Hardware version code
P - Production configuration code (production site, etc.)
F - Firmware version code (only visible on shipping container label)
<YY><WW><LL>
Tracking code
YY - Year code
WW - Assembly week number
LL - Wafer lot code
<CC>
Container code
Table 30: Abbreviations
15.4 Code ranges and values
The following tables define the nRF7002 code ranges and values.
<PP>
Package
Size (mm)
Pin/Ball count
Pitch (mm)
QF
QFN
6 x 6
48
0.4
CE
WLCSP
3.750 x 3.385
81
0.35
Table 31: Package variant codes
<VV>
Variant
AA
Base functionality
Table 32: Function variant codes
<H>
Description
[A . . Z]
Hardware version/revision identifier (incremental)
Table 33: Hardware version codes
4486_184 v1.2
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com