Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
Hardware and layout
32 MHz
40 MHz
nRF5340
SCK
GPIO
GPIO
GPIO
nRF7002
HOST_IRQ
COEX
BUCKEN
QSPI_CLK
QSPI_SS
QSPI_DATA0
QSPI_DATA1
QSPI_DATA2
QSPI_DATA3
CSN
IO0
IO1
IO2
IO3
Figure 33: QSPI connection
The following figure shows the connections using SPI between nRF7002 and nRF5340.
32 MHz
40 MHz
nRF5340
SCK
GPIO
GPIO
GPIO
nRF7002
HOST_IRQ
COEX
BUCKEN
SPI_CLK
SPI_SS
SPI_MOSI
SPI_MISO
CSN
MOSI
MISO
QSPI
Figure 34: SPI connection
14.3.8 TCXO connection
It is possible to use an external TCXO instead of a crystal.
This option does not require production line trimming, but it will draw more current and hence
significantly degrade sleep performance. The TCXO should be disabled when in Shutdown mode to reduce
current consumption. It is not possible to dynamically control the TCXO when transitioning between Sleep
and Active states. The TCXO should have a typical clipped sine wave output of 0.4 V peak (maximum 0.6 V
peak) and be connected through a series capacitor (typically 10 nF).
4486_184 v1.2
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com