Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 2 Page - Nordic Semiconductor

  NRF7002-CEAA-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
nRF7002 features
Key features
Applications
•
Wi-Fi
® 6 companion IC with integrated RF
•
Supports IEEE 802.11 ax and earlier standards (IEEE 802.11 a/b/g/n/ac)
•
Supports Target Wake Time (TWT), Orthogonal Frequency Division Multiple Access (OFDMA), Basic
Service Set (BSS) Coloring
•
Supports Wi-Fi CERTIFIED 6
™, Wi-Fi CERTIFIED™, Wi-Fi Enhanced Open™
•
Supports WPA3
™, WPA2™, WPA™ - Personal and Enterprise, Protected Management Frames
•
Supports WMM
®, WMM - Power Save, Wi-Fi Agile Multiband™, Wi-Fi Direct®
•
Maximum output power 20 dBm
•
Dual-band 2.4 GHz and 5 GHz operation
•
Single-ended 50 Ω antenna port
•
191 mA @ max output power, 2.4 GHz, MCS7
•
260 mA @ max output power, 5 GHz, MCS7
•
60 mA RX 2.4 GHz, 56 mA RX 5 GHz
•
SPI or QSPI host interface, 3-wire or 4-wire coexistence interface
•
Supply voltage range 2.9 – 4.5 V
•
Operating temperature range -40° C to 85° C
•
Package variants
•
QFN48 package, 6 x 6 mm
•
WLCSP81 package, 3.8 x 3.4 mm
•
Internet of Things (IoT)
•
Smart Home applications, including
Gateways and Border Routers
•
Industrial IoT sensors and controllers
•
Sports and Fitness
•
Health monitor devices
•
Wireless Payment Terminals
•
Wi-Fi locationing based on SSID scanning
4486_184 v1.2
ii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com