Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 52 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 52 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 56Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
Hardware and layout
32 MHz
40 MHz
nRF5340
(High voltage mode)
VDDH
VDD
GPIO
(Q)SPI
GPIO
GPIO
GPIO
nRF7002
IOVDD
HOST_IRQ
COEX
BUCKEN
OTPVDD
PWRIOVDD
(Q)SPI
1.8 V
3.6 V
3.6 V
1.8 V (2.5 V)
VBAT
BUCKVBAT
AFEVBAT
BUCKVBATS
Figure 31: Supply system - high voltage mode
Both nRF5340 (used in high voltage mode) and nRF7002 can be supplied from a single 3.6 V supply.
nRF5340 can provide a 1.8 V supply used for the IO supply on nRF7002. An external switch is used to
disconnect IOVDD on nRF7002 when not in use. The control of the switch is handled by the Wi-Fi driver on
nRF5340.
32 MHz
40 MHz
nRF5340
(Normal voltage mode)
VDDH
VDD
GPIO
(Q)SPI
GPIO
GPIO
GPIO
nRF7002
IOVDD
HOST_IRQ
COEX
BUCKEN
VBAT
BUCKVBAT
AFEVBAT
OTPVDD
PWRIOVDD
(Q)SPI
3.6 V
1.8 V (2.5 V)
1.8 V
BUCKVBATS
Figure 32: Supply system - normal voltage mode
14.3.7 QSPI/SPI connections
The nRF7002 can be connected to the nRF5340 host either with a QSPI or a SPI. QSPI is normally the
preferred option, but in cases where QSPI on the host is used for other purposes SPI can be used.
The following figure shows the connection using QSPI between nRF7002 and the host MCU (nRF5340).
4486_184 v1.2
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com