Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-CEAA-R7 Datasheet(PDF) 37 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 37 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
Electrical specification
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
PTXMAX,2.4GHz,DSSS/CCK
Maximum transmit power 2.4 GHz (DSSS/CCK)
17
dBm
PTXMAX,2.4GHz,MCS0
Maximum transmit power 2.4 GHz (6 Mbps/HT-
MCS0/HE-MCS0)
15
dBm
PTXMAX,2.4GHz,MCS7
Maximum transmit power 2.4 GHz (54 Mbps/HT-
MCS7/HE-MCS7)
15
dBm
PTXMAX,5GHz,MCS0
Maximum transmit power 5 GHz (6 Mbps/HT-
MCS0/VHT-MCS0/HE-MCS0)
13
dBm
PTXMAX,5GHz,MCS7
Maximum transmit power 5 GHz (54 Mbps/HT-
MCS7/VHT-MCS7/HE-MCS7)
13
dBm
Table 21: Transmitter characteristics (WLCSP package)
Frequency band
-40C<TA<=-20C
-20C<TA<=0C
0C<TA<=60C
60C<TA<=85C
2.4GHz
0dB
0dB
0dB
-5dB
5GHz
-3dB
-3dB
0dB
-1dB
Table 22: Transmitter power variation over temperature (WLCSP package)
Frequency band
2.9V<VBAT<=3.1V
3.1V<VBAT<=3.4V
3.4V<VBAT<=4.5V
2.4GHz
-1dB
0dB
0dB
5GHz
-5dB
-2dB
0dB
Table 23: Transmitter power variation over supply voltage (WLCSP package)
4486_184 v1.2
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com