Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 58Page - STMicroelectronics ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics ST18952 Datasheet HTML 61Page - STMicroelectronics ST18952 Datasheet HTML 62Page - STMicroelectronics ST18952 Datasheet HTML 63Page - STMicroelectronics ST18952 Datasheet HTML 64Page - STMicroelectronics ST18952 Datasheet HTML 65Page - STMicroelectronics ST18952 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
62/66
ST18952
17
ST18952 Package Specifications
17.1 208 pin PQFP pinout
1
IAE<15>
53
DMACK0_STD0
105 DTACK
157 EA_XAE<11>
2
IAE<14>
54
DMACK1_SFS0
106 ED_XDE<0>
158 EA_XAE<12>
3
IAE<13>
55
DMACK2_STD1
107 ED_XDE<1>
159 EA_XAE<13>
4
IAE<12>
56
YAE<0>
108 ED_XDE<2>
160 EA_XAE<14>
5
IAE<11>
57
YAE<1>
109 VDD
161 GND
6
GND
58
YAE<2>
110 GND
162 VDD
7
VDD
59
YAE<3>
111 ED_XDE<3>
163 EA_XAE<15>
8
IAE<10>
60
VDD
112 EXTAL
164 VCI
9
IAE<9>
61
GND
113 XTAL
165 TMS
10
IAE<8>
62
YAE<4>
114 GND
166 TDO
11
IAE<7>
63
YAE<5>
115 VDD
167 TDI
12
IAE<6>
64
YAE<6>
116 ED_XDE<4>
168 TCK
13
IAE<5>
65
YAE<7>
117 ED_XDE<5>
169 GND
14
IAE<4>
66
YAE<8>
118 ED_XDE<6>
170 VDD
15
IAE<3>
67
YAE<9>
119 VDD
171 VDD
16
IAE<2>
68
YAE<10>
120 GND
172 GND
17
IAE<1>
69
YAE<11>
121 ED_XDE<7>
173 STACKY
18
IAE<0>
70
YAE<12>
122 ED_XDE<8>
174 STACKX
19
GND
71
YAE<13>
123 ED_XDE<9>
175 SNAP
20
VDD
72
VDD
124 VDD
176 TRST
21
IDE<15>
73
GND
125 GND
177 RESET_OUT
22
IDE<14>
74
YAE<14>
126 ED_XDE<10>
178 RESET
23
IDE<13>
75
YAE<15>
127 ED_XDE<11>
179 LP
24
IDE<12>
76
YBSE
128 ED_XDE<12>
180 LPACK
25
IDE<11>
77
VDD
129 ED_XDE<13>
181 P_ITRQ<7>
26
IDE<10>
78
GND
130 ED_XDE<14>
182 GND
27
IDE<9>
79
YRDE
131 ED_XDE<15>
183 VDD
28
IDE<8>
80
YWRE
132 XBSE
184 P_ITRQ<6>
29
VDD
81
YDE<0>
133 XRDE_EXRD
185 P_ITRQ<5>
30
IDE<7>
82
GND
134 XWRE_EXWR
186 P_ITRQ<4>
31
IDE<6>
83
VDD
135 EIRD
187 P_ITRQ<3>
32
GND
84
VDD
136 EIWR
188 P_ITRQ<2>
33
VDD
85
GND
137 VDD
189 P_ITRQ<1>
34
IDE<5>
86
YDE<1>
138 GND
190 P_ITRQ<0>
35
IDE<4>
87
YDE<2>
139 EYRD
191 HOLD
36
IDE<3>
88
YDE<3>
140 EYWR
192 HOLDACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com