Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 17Page - STMicroelectronics ST18952 Datasheet HTML 18Page - STMicroelectronics ST18952 Datasheet HTML 19Page - STMicroelectronics ST18952 Datasheet HTML 20Page - STMicroelectronics ST18952 Datasheet HTML 21Page - STMicroelectronics ST18952 Datasheet HTML 22Page - STMicroelectronics ST18952 Datasheet HTML 23Page - STMicroelectronics ST18952 Datasheet HTML 24Page - STMicroelectronics ST18952 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
21/66
ST18952
7
DMA Controller
The DMA controller manages data transfer between memories and external peripherals and
has the following features:
• four independent DMA channels
• transfers on X / Y / I spaces (simultaneous transfers on X and Y spaces)
• cycle stealing operation:
•
3 cycles for a single data transfer (+1cycle for transfers on I space)
•
(n+2) cycles for an n-data block transfer (+1cycle for transfers on I space)
• each channel has:
•
3 signals: request (DMARQ), acknowledge (DMACK), interrupt request (DIT)
•
4x16 bit registers for block transfer facilities
• fixed priority between the four channels (highest channel 0, lowest channel 3)
The DMA controller DMARQ0-3 inputs and DMACK0-3 outputs are available as primary
inputs, in the case of SIO inhibition. This is set by the DMAR register (see ”DMAR: DMA
management register” on page 44).
Figure 7.1
DMA controller
YD
YA
16
16
D950Core
INTERR UPT
CONTROLLER
PERIPHERAL
RESET
AS-D SP
HOLD
HOLDACK
INCY CLE
DMA CONTROLLER PERIPHERAL
DMARQ0
DMARQ1
DMARQ2
DMARQ3
DMACK0
DMACK1
DMACK2
DMACK3
DTACK
DIP_ENA
16
16
16
16
IA
ID
XA XD
IRD
IWR
IBS
XR D
XW R
XB S
YRD
YWR
YBS
DIT 0
DIT1
DIT2
DIT3
DIT_AND
3
3
3
CLK
DMA_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com