Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 28Page - STMicroelectronics ST18952 Datasheet HTML 29Page - STMicroelectronics ST18952 Datasheet HTML 30Page - STMicroelectronics ST18952 Datasheet HTML 31Page - STMicroelectronics ST18952 Datasheet HTML 32Page - STMicroelectronics ST18952 Datasheet HTML 33Page - STMicroelectronics ST18952 Datasheet HTML 34Page - STMicroelectronics ST18952 Datasheet HTML 35Page - STMicroelectronics ST18952 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
32/66
ST18952
TSVR0-1: Timer start value register
(Address = 0059/005D, Reset value = 0000 h, Read/Write)
TUD
Timer up/down counting (bit 1)
•
When TUD = ‘0’, the TIM is counting ‘down’ (reset value), i.e. the TCVR current value
register content is decremented.
•
When TUD = ‘1’, the TIM is counting ‘up’, i.e. the TCVR current value register content
is incremented.
TLE
Timer load enable (bit 2)
•
When the counter has reached its end value (TCVR = TEVR), TCVR is (re)loaded
with TSVR (‘start value’) register content when TLE = ‘1’.
•
When TLE = ‘0’ (reset value), the next state of TCVR depends on the TCS bit.
TCS
Timer continue/stop (bit 3)
•
When TLE = ‘0’ (no load) and when the counter has reached its end value (TCVR =
TEVR), the TCVR content continues to increment/decrement according to TUD bit
when TCS = ‘1’ (continue mode).
•
When TCS = ‘0’ (stop mode - reset value), TCVR is stopped and content is frozen.
TIE
Timer interrupt enable (bit 4)
•
When the counter has reached its end value (TCVR = TEVR), an interrupt request is
generated on TIR output when TIE = ‘1’.
•
When TIE = ‘0’ (reset value), TIR output is disabled (=‘1’).
TCM
Timer cock mode (bit 5)
•
When TCM = ‘0’ (reset value), the TCVR clock is derived from internal MCLK clock
according to TFP bits.
•
When TCM = ‘1’, the TCVR clock is the external ECLK clock.
TFP(3:0)
Timer frequency prescaler (bits 9-4; TFP(3) = msb)
•
When TCM = ‘0’ (internal clock), the TCVR register clock is derived from the MCLK
clock input by dividing MCLK by 2(2+ TFP).
The coding is as follows:
TFP = 0h
prescaler by 2 (reset value) MCLK divided by 4
TFP = 1h
prescaler by 4 MCLK divided by 8
TFP = 2h
prescaler by 8 MCLK divided by 16
-...
TFP = Fh
prescaler by 216MCLK divided by 217
Bits 10-11
RESERVED and must be written as’0’
Bits 12-15
Unused and read as’0’
15
14
13
12
11
10
9876
54
3210
TSV
15
TSV
14
TSV
13
TSV
12
TSV
11
TSV
10
TSV
9
TSV
8
TSV
7
TSV
6
TSV
5
TSV
4
TSV
3
TSV
2
TSV
1
TSV
0
Bit
Function
TSV(15:0)
Timer start value (bits15-0, TSV15 is msb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com