Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 52Page - STMicroelectronics ST18952 Datasheet HTML 53Page - STMicroelectronics ST18952 Datasheet HTML 54Page - STMicroelectronics ST18952 Datasheet HTML 55Page - STMicroelectronics ST18952 Datasheet HTML 56Page - STMicroelectronics ST18952 Datasheet HTML 57Page - STMicroelectronics ST18952 Datasheet HTML 58Page - STMicroelectronics ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
56/66
ST18952
Bus switch electrical characteristics (Intel mode)
Figure 15.8
Bus switch timing diagram (intel mode)
Table 15.10
Y-data bus switch timing data
No
Parameter
Min (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t66
EA_XAE valid delay
4.4
t67
EA_XAE hold time
3.3
t68
ED_XDE high to lo Z delay
tbd
t69
ED_XDE valid delay
t0+2.4
t70
ED_XDE hold time
1.6
t71
EI/X/YWR low delay
t0+2.3
t72
EI/X/YWR high delay
1.9
t73
ED_XDE setup
7.1
t74
ED_XDE hold
-5.8
t75
EI/X/YRD low delay
t0+2.1
t76
EI/X/YRD high delay
-1.5
t66
EA_XAE
ED_XDE
EI/X/YWR
ED_XDE
EI/X/YRD
XX
X
t67
t68
t69
t70
t71
t72
t73
t74
t75
t76
X
Data_out
INCYCLE
t0
MCLK
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com