Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 18Page - STMicroelectronics ST18952 Datasheet HTML 19Page - STMicroelectronics ST18952 Datasheet HTML 20Page - STMicroelectronics ST18952 Datasheet HTML 21Page - STMicroelectronics ST18952 Datasheet HTML 22Page - STMicroelectronics ST18952 Datasheet HTML 23Page - STMicroelectronics ST18952 Datasheet HTML 24Page - STMicroelectronics ST18952 Datasheet HTML 25Page - STMicroelectronics ST18952 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
22/66
ST18952
7.1
DMA operation
The DMA controller interface contains four independent channels allowing data transfer on I-
memory space and simultaneous data transfer on X and Y-memory spaces. When requests
to transfer data on the same bus occur at the same time on different channels, the requests
are concatenated to be acknowledged during the same transfer according to fixed priority.
Channel 0 has the highest priority ranging to channel 3 with the lowest priority.
The DMA transfer is based on a DSP cycle stealing operation:
• DMA controller generates a ‘hold request’.
• The core sends back a ‘hold acknowledge’ to the DMA controller and enters
the hold state (bus released).
• The DMA controller manages the transfer and enters its idle state at the end of
the transfer, until reception of a new DMA request. The ‘hold request’ signal is
removed.
The data transfer duration is n+2 cycles, split into:
• One cycle inserted at the beginning of the transfer when bus controls are
released by the D950Core, n cycles for the number of data words to be trans-
ferred.
• Another cycle is inserted at the end of the transfer when bus controls are
released by the DMA controller.
Single or block data can be transferred. The DMA request signal (DMARQ) can be either edge
(single) or level (block) sensitive. Data blocks can be transferred one data at a time using an
edge sensitive request signal.
A double buffering mechanism is available to deal with data blocks requiring the allocation of
2N addresses for the transfer of an N data block.
An interrupt can be used to warn AS-DSP that a predefined number of data have been
transferred and are ready to be processed. Interrupt requests are sent from the DMA controller
to the interrupt controller. The selected channels must be edge sensitive and the user has to
define the proper priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com