Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 49Page - STMicroelectronics ST18952 Datasheet HTML 50Page - STMicroelectronics ST18952 Datasheet HTML 51Page - STMicroelectronics ST18952 Datasheet HTML 52Page - STMicroelectronics ST18952 Datasheet HTML 53Page - STMicroelectronics ST18952 Datasheet HTML 54Page - STMicroelectronics ST18952 Datasheet HTML 55Page - STMicroelectronics ST18952 Datasheet HTML 56Page - STMicroelectronics ST18952 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
53/66
ST18952
Instruction bus electrical characteristics
Figure 15.5
Instruction bus timing diagram
Table 15.7
Instruction bus timing data
No
Parameter
Min (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t27
IAE valid delay
1.9
t28
IAE hold time
1.1
t29
IBSE low delay
0.3
t30
IBSE high delay
0.0
t31
IDE high to lo Z delay
tbd
t32
IDE valid delay
tbd
t33
IDE hold time
1.2
t34
IWRE low delay
t0/2 + 1.6
t35
IWRE high delay
0.6
t36
IDE setup
5.8
t37
IDE hold
-4.5
t38
IRDE low delay
t0/2 + 0.5
t39
IRDE high delay
0.6
INCYCLE
t0
t27
MCLK
IAE
IBSE
IDE
IWRE
IDE
IRDE
XX
X
X
t28
t29
t30
t31
t32
t33
t34
t35
t36
t37
t38
t39
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com