Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics ST18952 Datasheet HTML 61Page - STMicroelectronics ST18952 Datasheet HTML 62Page - STMicroelectronics ST18952 Datasheet HTML 63Page - STMicroelectronics ST18952 Datasheet HTML 64Page - STMicroelectronics ST18952 Datasheet HTML 65Page - STMicroelectronics ST18952 Datasheet HTML 66Page - STMicroelectronics ST18952 Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
65/66
ST18952
18
Device ID
The identification code for the ST18952 is #
m52BC041 , where m is a manufacturing revision
number reserved by SGS-THOMSON.
19
Ordering Information
For further information contact your local SGS-THOMSON sales office.
20
Revision History
This is revision 1 of this datasheet the differences between revision 1 and revision 0 are:
Clarification of SIO0 and SIO1 register addresses in ”SIO registers” on page 36.
Refomatting of the presentation of the registers; the bit functions have be put into tables.
Addition of for PCSR and PCDR register information ”D950Core registers” on page 14.
Addition of information for ”DMAR: DMA management register” on page 44.
bit 31
bit 0
Mask rev
ST18 family
Variant
SGS-THOMSON manufacturers
id
1)
1)
Defined as 1 in IEEE 1149.1 standard.
reserved
0 1 0 1 0 0 1 0 1 0 1 1 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 1
52
B
C
04
1
Device
Package
ST18952X66S
208 pin plastic quad flat pack (PQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com