Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 39Page - STMicroelectronics ST18952 Datasheet HTML 40Page - STMicroelectronics ST18952 Datasheet HTML 41Page - STMicroelectronics ST18952 Datasheet HTML 42Page - STMicroelectronics ST18952 Datasheet HTML 43Page - STMicroelectronics ST18952 Datasheet HTML 44Page - STMicroelectronics ST18952 Datasheet HTML 45Page - STMicroelectronics ST18952 Datasheet HTML 46Page - STMicroelectronics ST18952 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
43/66
ST18952
12.1 System registers
There are 4 system registers: CMR clock management register; PICR port/interrupt control
register; INTR interrupt vector register; and DMAR DMA management register. The registers
are Y memory-mapped.
PICR: Port/interrupt control register
The interrupt controller ITRQ inputs can be connected to external interrupt requests or to
internal peripheral requests, this is dependent on the setting of the port/interrupt control (PICR)
system register.
The interrupt controller receives interrupt requests from primary inputs P_ITRQ0-7 on its
inputs ITRQ0-7 when bit 0-7 of the PICR register is set to ‘0’. Otherwise, the ITRQ0-7 input is
connected to the internal peripheral interrupt request output. Each input can be programmed
independently.
(Address = 0049 h, Reset value = 0000 h, Read/Write)
Note: P_ITRQ0-7 primary I/Os are used for external interrupt requests and for the D950 8-bit
general purpose parallel port (P0-7). Depending on the PICR value and the programming of
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NM
IO
IO
TIM1 TIM0 DMA3 DMA2 DMA1 DMA0
Bit
Function
DMA0
0: ITC ITRQ0 connected to P_ITRQ0 primary I/O
1: ITC ITRQ0 connected to DMA DIT0 output
DMA1
0: ITC ITRQ1 connected to P_ITRQ1 primary I/O
1: ITC ITRQ1 connected to DMA DIT1 output
DMA2
0: ITC ITRQ2 connected to P_ITRQ2 primary I/O
1: ITC ITRQ2 connected to DMA DIT2 output
DMA3
0: ITC ITRQ3 connected to P_ITRQ3 primary I/O
1: ITC ITRQ3 connected to DMA DIT3 output
TIM0
0: ITC ITRQ4 connected to P_ITRQ4 primary I/O
1: ITC ITRQ4 connected to TIMER0 interrupt request output
TIM1
0: ITC ITRQ5 connected to P_ITRQ5 primary I/O
1: ITC ITRQ5 connected to TIMER1 interrupt request output
IO
0: ITC ITRQ6 connected to P_ITRQ6 primary I/O
1: ITC ITRQ6 is not used (connected to VDD)
IO
0: ITC ITRQ7 connected to P_ITRQ7 primary I/O
1: ITC ITRQ7 is not used (connected to VDD)
NM
0: Normal mode.
1: ITC inhibited (bit 7-0 UNUSED).
D950Core IT input directly connected to P_ITRQ-7 primary I/O.
Bits15:9
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com