Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 50Page - STMicroelectronics ST18952 Datasheet HTML 51Page - STMicroelectronics ST18952 Datasheet HTML 52Page - STMicroelectronics ST18952 Datasheet HTML 53Page - STMicroelectronics ST18952 Datasheet HTML 54Page - STMicroelectronics ST18952 Datasheet HTML 55Page - STMicroelectronics ST18952 Datasheet HTML 56Page - STMicroelectronics ST18952 Datasheet HTML 57Page - STMicroelectronics ST18952 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
54/66
ST18952
X-data bus electrical characteristics
Figure 15.6
X-data bus timing diagram
Table 15.8
X-data bus timing data
No
Parameter
Min (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t40
EA_XAE valid delay
t0+3.7
t41
EA_XAE hold time
2.7
t42
XBSE low delay
0.1
t43
XBSE high delay
-0.2
t44
ED_XDE high to low Z delay
tbd
t45
ED_XDE valid delay
t0+3.9
t46
ED_XDE hold time
0.3
t47
XWRE_EXWR low delay
t0+2.7
t48
XWRE_EXWR high delay
0.4
t49
ED_XDE setup
6.5
t50
ED_XDE hold
-5.0
t51
XRDE_EXRD low delay
t0+2.6
t52
XRDE_EXRD high delay
-0.7
INCYCLE
t0
t40
MCLK
EA_XAE
XBSE
ED_XDE
XWRE_EXWR
ED_XDE
XRDE_EXRD
XX
X
X
t41
t42
t43
t44
t45
t46
t47
t48
t49
t50
t51
t52
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com