Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 44Page - STMicroelectronics ST18952 Datasheet HTML 45Page - STMicroelectronics ST18952 Datasheet HTML 46Page - STMicroelectronics ST18952 Datasheet HTML 47Page - STMicroelectronics ST18952 Datasheet HTML 48Page - STMicroelectronics ST18952 Datasheet HTML 49Page - STMicroelectronics ST18952 Datasheet HTML 50Page - STMicroelectronics ST18952 Datasheet HTML 51Page - STMicroelectronics ST18952 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48/66
ST18952
15
Electrical Specifications
In the following tables TBD indicates ‘to be defined’.
15.1 DC Absolute maximum ratings
Table 15.1
DC absolute maximum ratings
15.2 DC Electrical characteristics
Junction temperature: -40oC to +125oC
Table 15.2
DC electrical characteristics
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 / 3.9
V
VIN
Input Voltage
-0.3 / 3.9
V
TA
Operating Junction Temperature Range
-40 / +125
oC
TSTG
Storage Temperature Range
-55 / +150
oC
Symbol
Parameter
Min
Typical
Max
Unit
VDD
Power supply
2.7
3.3
3.6
V
VIL
Input low level
0.3*VDD
V
VIH
Input high level
0.8*VDD
V
VOL
Output low level
0.4
V
VOH
Output high level
0.85*VDD
V
IDD
Operating Current
TBD
mA
ISB
Stand-by Current
TBD
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com