Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 56Page - STMicroelectronics ST18952 Datasheet HTML 57Page - STMicroelectronics ST18952 Datasheet HTML 58Page - STMicroelectronics ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics ST18952 Datasheet HTML 61Page - STMicroelectronics ST18952 Datasheet HTML 62Page - STMicroelectronics ST18952 Datasheet HTML 63Page - STMicroelectronics ST18952 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
60/66
ST18952
16.6 DMA controller registers
16.7 Interrupt controller registers
Address (Hex)
Register
Description
0042
DAIC
DMA address / interrupt control
0041
DMS
DMA mask sensitivity
0040
DGC
DMA general control
003F
DCC3
DMA channel 3 current count
003E
DCC2
DMA channel 2 current count
003D
DCC1
DMA channel 1 current count
003C
DCC0
DMA channel 0 current count
003B
DIC3
DMA channel 3 initial count
003A
DIC2
DMA channel 2 initial count
0039
DIC1
DMA channel 1 initial count
0038
DIC0
DMA channel 0 initial count
0037
DCA3
DMA channel 3 current address
0036
DCA2
DMA channel 2 current address
0035
DCA1
DMA channel 1 current address
0034
DCA0
DMA channel 0 current address
0033
DIA3
DMA channel 3 initial address
0032
DIA2
DMA channel 2 initial address
0031
DIA1
DMA channel 1initial address
0030
DIA0
DMA channel 0 initial address
002C
ISR
Interrupt status register
002B
ISPR
Interrupt stack pointer register
002A
IPR
Interrupt priority register
0029
IMR
Interrupt mask/sensitivity register
0028
ICR
Interrupt control register
0027
IV7
Interrupt vector 7 address
0026
IV6
Interrupt vector 6 address
0025
IV5
Interrupt vector 5 address
0024
IV4
Interrupt vector 4 address
0023
IV3
Interrupt vector 3 address
0022
IV2
Interrupt vector 2 address
0021
IV1
Interrupt vector 1 address
0020
IV0
Interrupt vector 0 address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com