Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 55Page - STMicroelectronics ST18952 Datasheet HTML 56Page - STMicroelectronics ST18952 Datasheet HTML 57Page - STMicroelectronics ST18952 Datasheet HTML 58Page - STMicroelectronics ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics ST18952 Datasheet HTML 61Page - STMicroelectronics ST18952 Datasheet HTML 62Page - STMicroelectronics ST18952 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
59/66
ST18952
16.3 Timer registers
Table 16.3
Timer1 registers
Table 16.4
Timer0 registers
16.4 Bus switch unit registers
16.5 System control registers
Address (Hex)
Register
Description
005F
TCVR
Timer current value register 1
005E
TEVR
Timer end value register 1
005D
TSVR
Timer start value register 1
005C
TCR
Timer control register 1
Address (Hex)
Register
Description
005B
TCVR
Timer current value register 0
005A
TEVR
Timer end value register 0
0059
TSVR
Timer start value register 0
0058
TCR
Timer control register 0
Address (Hex)
Register
Description
0055
YER1
External Y-bus control register 1
0054
XER1
External X-bus control register 1
0053
IER1
External I-bus control register 1
0052
YER0
External Y-bus control register 0
0051
XER0
External X-bus control register 0
0050
IER0
External I-bus control register 0
Address (Hex)
Register
Description
004B
DMAR
DMA management register
004A
INTR
Interrupt vector register
0049
PICR
Port/interrupt interface control register
0048
CMR
Clock management register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com