Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics ST18952 Datasheet HTML 61Page - STMicroelectronics ST18952 Datasheet HTML 62Page - STMicroelectronics ST18952 Datasheet HTML 63Page - STMicroelectronics ST18952 Datasheet HTML 64Page - STMicroelectronics ST18952 Datasheet HTML 65Page - STMicroelectronics ST18952 Datasheet HTML 66Page - STMicroelectronics ST18952 Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Index of Registers
65/66
C
CMR
Clock management register
44
D
DAIC
Address/interrupt control register
24
DGC
General control register
24
DMAR
DMA management register
43
DMS
Mask sensitivity control register
25
I
ICR
Interrupt control register
27
IER0/1
Instruction memory control registers
20
IMR
Interrupt mask/sensitivity register
29
INTR
Interrupt vector register
43
IPR
Interrupt priority register
29
ISPR
Interrupt stack pointer register
30
ISR
Interrupt status register
30
IVO0-7
Interrupt vector0-7 address registers
27
P
PCDR
Port control direction
14
PCSR
Port Control Sensitivity
14
PICR
Port/interrupt control register
42
S
SCOR
SIO sequence control register
36
SCR
SIO control register
36
SER
SIO Enable register
38
SFR
SIO Frequency register
38
SRDR
SIO Receive data register
40
SSR
SIO Status register
39
STDR
SIO Transmit data register
40
T
TCR0-1
Timer control register
31
TCVR0-1
Timer current value register
33
TEVR0-1
Timer end value register
33
TSVR0-1
Timer start value register
32
X
XER0/1
X-memory space control registers
20
Y
YER0/1
Y-memory space control registers
20
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com