Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 25Page - STMicroelectronics ST18952 Datasheet HTML 26Page - STMicroelectronics ST18952 Datasheet HTML 27Page - STMicroelectronics ST18952 Datasheet HTML 28Page - STMicroelectronics ST18952 Datasheet HTML 29Page - STMicroelectronics ST18952 Datasheet HTML 30Page - STMicroelectronics ST18952 Datasheet HTML 31Page - STMicroelectronics ST18952 Datasheet HTML 32Page - STMicroelectronics ST18952 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
29/66
ST18952
IMR: Interrupt mask/sensitivity register
(Address = 0029, Reset = 5555h, Read/Write)
Each interrupt input ITRQ0-7 can be masked individually when the corresponding IM0-7 bit is
set. In this case any activity on the ITRQ0-7 pin is ignored. All IM bits are set during DSP reset.
ITRQ0-7 is active either on a low level when IS0-7 is low (by default on reset) or on a falling
edge when IS0-7 is high.
When ITRQ0-7 is active on a low level, it must stay low until the ITACK falling edge is sampled.
IPR: Interrupt priority register
(Address = 002A, Reset = 0000h, Read/Write))
The IPR register contains the priority level of each ITRQ0-7 interrupt input. IP0-7 priority level
is coded using two bits. The different values of IP are 0, 1, 2, 3 (0 lowest priority, 3 highest
priority).
When two ITRQ with the same priority level are requesting during the same cycle, the first
acknowledged interrupt is the one corresponding to the lowest number (for example, ITRQ0
acknowledged prior to ITRQ3).
15
14
13
12
11
10
9
876543
210
IS7
IM7
IS6
IM6
IS5
IM5
IS4
IM4
IS3
IM3
IS2
IM2
IS1
IM1
IS0
IM0
Bit
Function
IM
Interrupt mask
0: Interrupt is not masked
1: Interrupt is masked (default)
IS
Sensitivity
0: ITRQ is active on a low level (default)
1: ITRQ is active on a falling edge
15
14
13
12
11
10
9
876543
210
IP7(1:0)
IP6(1:0)
IP5(1:0)
IP4(1:0)
IP3(1:0)
IP2(1:0)
IP1(1:0)
IP0(1:0)
Bit
Function
IP
Interrupt priority level (0, 1, 2 or 3) (default is 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com