Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 32Page - STMicroelectronics ST18952 Datasheet HTML 33Page - STMicroelectronics ST18952 Datasheet HTML 34Page - STMicroelectronics ST18952 Datasheet HTML 35Page - STMicroelectronics ST18952 Datasheet HTML 36Page - STMicroelectronics ST18952 Datasheet HTML 37Page - STMicroelectronics ST18952 Datasheet HTML 38Page - STMicroelectronics ST18952 Datasheet HTML 39Page - STMicroelectronics ST18952 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
36/66
ST18952
10.1 SIO registers
Each SIO port has the following set of registers.
STB0-3: SIO transmit buffers
STB0-3 buffers contain the data to be transferred to the SIO transmit shift register.
SIO0 registers
• (STB0: Address = 0068h, reset value = 0000 h, write only)
• (STB1: Address = 0069h, reset value = 0000 h, write only)
• (STB2: Address = 006Ah, reset value = 0000 h, write only)
• (STB3: Address = 006Bh, reset value = 0000 h, write only)
SIO1 registers
• (STB0: Address = 00E8 h, reset value = 0000 h, write only)
• (STB1: Address = 00E9 h, reset value = 0000 h, write only)
• (STB2: Address = 00EA h, reset value = 0000 h, write only)
• (STB3: Address = 00EB h, reset value = 0000 h, write only)
SRB0-3: SIO receive buffers
SRB0-3 buffers contain the data transferred from the SIO receive shift register.
SIO0 registers
• (SRB0: Address = 006Ch, reset value = xxxx h, read only)
• (SRB1: Address = 006Dh, reset value = xxxx h, read only)
• (SRB2: Address = 006Eh, reset value = xxxx h, read only)
• (SRB3: Address = 006Fh, reset value = xxxx h, read only)
SIO1 registers
• (SRB0: Address = 00EC h, reset value = xxxx h, read only)
• (SRB1: Address = 00ED h, reset value = xxxx h, read only)
• (SRB2: Address = 00EE h, reset value = xxxx h, read only)
• (SRB3: Address = 00EF h, reset value = xxxx h, read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com