Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 33Page - STMicroelectronics ST18952 Datasheet HTML 34Page - STMicroelectronics ST18952 Datasheet HTML 35Page - STMicroelectronics ST18952 Datasheet HTML 36Page - STMicroelectronics ST18952 Datasheet HTML 37Page - STMicroelectronics ST18952 Datasheet HTML 38Page - STMicroelectronics ST18952 Datasheet HTML 39Page - STMicroelectronics ST18952 Datasheet HTML 40Page - STMicroelectronics ST18952 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37/66
ST18952
SCOR: SIO sequence control register
(SIO0 Address = 0070h, reset value = 0000h, read/write)
(SIO1 Address = 00F0 h, reset value = 0000h, read/write)
SCR: SIO control register
(SIO0 address = 0062h, reset value = 0000h, read/write)
(SIO1 address = 00E2h, reset value = 0000h, read/write)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
(0)
SEQ(1:0)
Bit
Function
SEQ(1:0)
Four SIO sequences (defining the time slots order) are available:
SEQ=00
Data/Data/Data/Data
SEQ=01
Data/Control/Data/Control
SEQ=10
Data/Data/Control/Control
SEQ=11
Control/Control/Control/Control
Data time slots are transferred using the DMA controller, and control time slots are trans-
ferred using SIO buffers.
Bits 2-15
Unused and read as ‘0’
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
(0)
SLL
SMEN SRIE
STIE
SWN(2:0)
SSM
SSAL
SSL
SCE
SCSD
SWL
SMS
00
0
0
1
1
011
0000
0
0
0
Bit
Function
SMS
SIO Mode select: Must be set to 0 (normal mode)
SWL
SIO Word length
SWL = ‘0’
Word length is 16 bits (reset value)
SWL = ‘1’
Word length is 8 bits
SCSD
SIO Clock/synchro direction
Determines whether SCK clock and SFS frame synchro signals are generated externally
or internally
SCSD = ‘0’
Generated externally (reset value)
SCSD = ‘1’
Generated internally
SCE
SIO Clock edge
SCE = ‘0’
SCK rising edge active (reset value)
SCE = ‘1’
SCK falling edge active
SSL
SIO Frame syncro length
Generated in a bit-length manner (active for one clock cycle) when SSL=’0’ (reset value)
or in a word-length manner (active for 8 or 16 clock cycles dep. on SWL bit) when SSL=’1’.
SSAL
SIO Frame synchro active level
SSAL = ‘0’
SFS high level active (reset value)
SSAL = ‘1’
SFS low level active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com