Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 59Page - STMicroelectronics ST18952X66S Datasheet HTML 60Page - STMicroelectronics ST18952X66S Datasheet HTML 61Page - STMicroelectronics ST18952X66S Datasheet HTML 62Page - STMicroelectronics ST18952X66S Datasheet HTML 63Page - STMicroelectronics ST18952X66S Datasheet HTML 64Page - STMicroelectronics ST18952X66S Datasheet HTML 65Page - STMicroelectronics ST18952X66S Datasheet HTML 66Page - STMicroelectronics ST18952X66S Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
63/66
ST18952
17.2 208 pin PQFP package dimensions
Table 17.1
208 pin PQFP package dimensions
Notes 1:
Lead finish to be 85 Sn/15 Pb solder plate.
37
IDE<2>
89
YDE<4>
141 CLKOUT
193 GND
38
GND
90
YDE<5>
142 INCYCLE
194 VDD
39
VDD
91
YDE<6>
143 MCLK
195 GND
40
IDE<1>
92
VDD
144 EA_XAE<0>
196 VDD
41
GND
93
GND
145 EA_XAE<1>
197 ERQ
42
IDE<0>
94
YDE<7>
146 EA_XAE<2>
198 IDT_EN
43
IWRE
95
YDE<8>
147 EA_XAE<3>
199 MODE
44
IRDE
96
VDD
148 EA_XAE<4>
200 IDLE
45
IBSE
97
GND
149 EA_XAE<5>
201 HALTACK
46
DMARQ3_SCK1
98
YDE<9>
150 EA_XAE<6>
202 CLK_MODE
47
DMARQ2_SRD1
99
YDE<10>
151 VDD
203 AYEBP
48
GND
100 YDE<11>
152 GND
204 GND
49
VDD
101 YDE<12>
153 EA_XAE<7>
205 VDD
50
DMARQ1_SCK0
102 YDE<13>
154 EA_XAE<8>
206 AXEBP
51
DMARQ0_SRD0
103 YDE<14>
155 EA_XAE<9>
207 AIEBP_SCAN_EN
52
DMACK3_SFS1
104 YDE<15>
156 EA_XAE<10>
208 IRD_WR
REF.
CONTROL DIM. mm
MIN
NOM
MAX
A
4.10
A1
0.25
A2
3.20
3.40
3.60
B
0.17
0.27
C
0.09
0.20
D
30.60
D1
28.00
D3
25.50
E
30.60
E1
28.00
E3
25.50
e
0.50
K
0d
3.5d
7d
L
0.45
0.60
0.75
L1
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com