Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 26Page - STMicroelectronics ST18952X66S Datasheet HTML 27Page - STMicroelectronics ST18952X66S Datasheet HTML 28Page - STMicroelectronics ST18952X66S Datasheet HTML 29Page - STMicroelectronics ST18952X66S Datasheet HTML 30Page - STMicroelectronics ST18952X66S Datasheet HTML 31Page - STMicroelectronics ST18952X66S Datasheet HTML 32Page - STMicroelectronics ST18952X66S Datasheet HTML 33Page - STMicroelectronics ST18952X66S Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
30/66
ST18952
ISPR: Interrupt stack pointer register
(Address = 002B, Reset = 0000h, Read/Write)
Note:
’-’ is RESERVED (read: 0, write: don’t care)
ISPR contains the number of stacked priority levels. If the ISPR value is directly written, the
SPLi/CPL values are modified. So the ICR register content is no longer significant but the
interrupt routine procedure is not affected. After reset, ISPR default value is 0
ISR: Interrupt status register
(Address = 002C, Reset = 0000h, Read/Write)
Note:
‘-’ is RESERVED (read: 0, write: don’t care)
An interrupt pending (IPE) bit is associated with each interrupt input. IPE is set when the
interrupt request is recorded and is reset when the interrupt request is acknowledged (ITACK
falling edge).
When the user does not want to acknowledge any of the pending interrupt requests, the IPE
flag of the CCR register must first be reset and then the ISR register set to “0000”.
When only some pending interrupt requests need to be acknowledged, the IPE bits of the other
interrupt inputs must be reset.
When the IPE bit is set by a direct register write an interrupt request will be generated
irrespective of the state of the ITRQ pin.
When the mask (IM) bit is set, the corresponding IPE bit is reset.
15
14
13
12
11
10
9
876543
210
-----
--------
ISP(2:0)
Bit
Function
ISPR
Number of stacked priority levels (0, 1, 2 or 3)
15
14
13
12
11
10
9876
54
3210
-
-
-
-
-
-
-
IPE7 IPE6 IPE5 IPE4 IPE3 IPE2 IPE1 IPE0
Bit
Function
IPE
Interrupt pending bit
0: Reset when interrupt request is acknowledged (default)
1: Set when interrupt request is recorded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com