Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 20Page - STMicroelectronics ST18952X66S Datasheet HTML 21Page - STMicroelectronics ST18952X66S Datasheet HTML 22Page - STMicroelectronics ST18952X66S Datasheet HTML 23Page - STMicroelectronics ST18952X66S Datasheet HTML 24Page - STMicroelectronics ST18952X66S Datasheet HTML 25Page - STMicroelectronics ST18952X66S Datasheet HTML 26Page - STMicroelectronics ST18952X66S Datasheet HTML 27Page - STMicroelectronics ST18952X66S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
24/66
ST18952
DGC: General control register
Three bits are dedicated for each DMA channel (bits 0 to 2 to channel 0, bits 4 to 6 to channel
1, bits 8 to 10 to channel 2, bits 12 to 14 to channel 3).
(Address = 0040, Reset = 0000h, Read/Write).
DAIC: Address/interrupt control register
Four bits are dedicated for each DMA channel (bits 0 to 3 to channel 0, bits 4 to 7 to channel
1, bits 8 to 11 to channel 2, bits 12 to 15 to channel 3).
(Address = 0042, Reset = 0000h, Read/Write)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
DRW3 DBC1 DBC0
-
DRW2 DBC1 DBC0
-
DRW1 DBC1 DBC0
-
DRW0 DBC1 DBC0
Bit
Function
DBC1/DBC0
Bus choice for data transfer
00: X-bus (default)
01: Y-bus
10: I-bus
11: reserved
DRWi
Data transfer direction
0: Write access (default)
1: Read access
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DAI3
DLA3
DIP3
DIE3
DAI2
DLA2
DIP2
DIE2
DAI1
DLA1
DIP1
DIE1
DAI0
DLA0
DIP0
DIE0
Bit
Function
DIEi
Enable interrupt
0:
Interrupt request output associated to channel i is masked (default)
1:
Interrupt request output associated to channel i is not masked
DIPi
Interrupt pending
0:
No pending interrupt on channel i (default)
1:
Pending interrupt on channel i (enabled if DIP_ENA input is high)
DLAi:
Load address
0:
DCAi content incremented after each data transfer (default)
1:
DCAi content loaded with DIA content if DCCi value is 0,
or DCAi content incremented if DCCi value is not equal to 0
DAIi
Address increment
0:
DCAi content unchanged (default)
1:
DCAi content modified according to DLAi state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com