Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 23Page - STMicroelectronics ST18952X66S Datasheet HTML 24Page - STMicroelectronics ST18952X66S Datasheet HTML 25Page - STMicroelectronics ST18952X66S Datasheet HTML 26Page - STMicroelectronics ST18952X66S Datasheet HTML 27Page - STMicroelectronics ST18952X66S Datasheet HTML 28Page - STMicroelectronics ST18952X66S Datasheet HTML 29Page - STMicroelectronics ST18952X66S Datasheet HTML 30Page - STMicroelectronics ST18952X66S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
27/66
ST18952
requests from primary inputs P_ITRQ0-7 on its inputs ITRQ0-7 when bit 0-7 of the PICR
register is set to ‘0’. Otherwise, the ITRQ0-7 input is connected to internal peripheral interrupt
request output. Each input can be programmed independently.
8.1
Interrupt controller registers
The interrupt controller interface is controlled by status and control registers mapped into the
Y-memory space. Status registers are not write-protected.
IVO0-7: Interrupt vector0-7 address registers
The IVO0-7 registers (one per external interrupt) contain the first address of the interrupt
routine and are associated with the respective interrupt input ITRQ0-7. The register content of
the interrupt under service is provided on the YD bus during the cycle following the ITACK
falling edge.
(Address = 0020-0027, No reset value, Read/Write)
ICR: Interrupt control register
The ICR register displays the current priority level and up to four stacked priority levels.
(Address = 0028, Reset = 000Bh, Read/Write))
15
14
13
12
11
10
9876
54
3210
IVi 15 IVi 14 IVi 13 IVi 12 IVi 11 IVi 10
IVi 9
IVi 8
IVi 7
IVi 6
IVi 5
IVi 4
IVi 3
IVi 2
IVi 1
IVi 0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPL4 (2:0)
SPL3 (2:0)
SPL2 (2:0)
SPL1 (2:0)
ES
CPL (2:0)
Bit
Function
CPL
Current priority level (-1, 0, 1, 2 or 3) (default is 011)
ES
Empty stack flag
0: stack is used
1: stack is not used (default)
SPL1
3-bit 1st stacked priority level
SPL2
3-bit 2nd stacked priority level
SPL3
3-bit 3rd stacked priority level
SPL4
3-bit 4th stacked priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com