Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 41Page - STMicroelectronics ST18952X66S Datasheet HTML 42Page - STMicroelectronics ST18952X66S Datasheet HTML 43Page - STMicroelectronics ST18952X66S Datasheet HTML 44Page - STMicroelectronics ST18952X66S Datasheet HTML 45Page - STMicroelectronics ST18952X66S Datasheet HTML 46Page - STMicroelectronics ST18952X66S Datasheet HTML 47Page - STMicroelectronics ST18952X66S Datasheet HTML 48Page - STMicroelectronics ST18952X66S Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
45/66
ST18952
Note: Use of an external DMA controller is possible. In this case, only exchanges between
external peripherals and external memories are allowed. All direct extension buses are
isolated.
12.2 Clocks
A 27 MHz crystal can be used with the on-chip oscillator and PLL to provide the D950 clock
input. The PLL module multiplies the oscillator frequency by a factor of 10 and generates a 270
MHz signal. A programmable divisor is connected to the PLL output to generate the D950
clock input. The division range is 2 to 256 and can be programmed by writing to the CMR clock
management system register.
CMR: Clock management register
(Address = 0048h, Reset = 0000h, Read/Write)
The oscillator and PLL can be bypassed by setting the CLK_MODE pin to ‘1’. In this case the
D950 CLKIN input receives the clock signal directly from the MCLK input.
15
14
13
12
11
10
9
87654
321
0
Reserved
D2
D1
D0
D2
D1
D0
Division factor
Output clock frequency
0
0
0
2
135 MHz
0
0
1
4
67.5 MHz
0
1
0
8
33.74 MHz
0
1
1
16
16.88 MHz
1
0
0
32
8.44 MHz
1
0
1
64
4.22 MHz
1
1
0
128
2.11 MHz
1
1
1
256
1.05 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com