Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 51Page - STMicroelectronics ST18952X66S Datasheet HTML 52Page - STMicroelectronics ST18952X66S Datasheet HTML 53Page - STMicroelectronics ST18952X66S Datasheet HTML 54Page - STMicroelectronics ST18952X66S Datasheet HTML 55Page - STMicroelectronics ST18952X66S Datasheet HTML 56Page - STMicroelectronics ST18952X66S Datasheet HTML 57Page - STMicroelectronics ST18952X66S Datasheet HTML 58Page - STMicroelectronics ST18952X66S Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
55/66
ST18952
Y-data bus electrical characteristics
Figure 15.7
Y-data bus timing diagram
Table 15.9
Y-data bus timing data
No
Parameter
MIN (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t53
YAE_SA valid delay
3.5
t54
YAE_SA hold time
2.6
t55
YBSE low delay
0.1
t56
YBSE high delay
0.3
t57
YDE_SD high to lo Z delay
tbd
t58
YDE_SD valid delay
t0+3.5
t59
YDE_SD hold time
0.5
t60
YWRE low delay
t0+1.7
t61
YWRE high delay
0.5
t62
YDE_SD setup
7.9
t63
YDE_SD hold
-5.2
t64
YRDE low delay
t0+1.2
t65
YRDE high delay
0.6
INCYCLE
t0
t53
MCLK
YAE_SA
YBSE
YDE_SD
YWRE
YDE_SD
YRDE
XX
X
X
t54
t55
t56
t57
t58
t59
t60
t61
t62
t63
t64
t65
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com