Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 36Page - STMicroelectronics ST18952X66S Datasheet HTML 37Page - STMicroelectronics ST18952X66S Datasheet HTML 38Page - STMicroelectronics ST18952X66S Datasheet HTML 39Page - STMicroelectronics ST18952X66S Datasheet HTML 40Page - STMicroelectronics ST18952X66S Datasheet HTML 41Page - STMicroelectronics ST18952X66S Datasheet HTML 42Page - STMicroelectronics ST18952X66S Datasheet HTML 43Page - STMicroelectronics ST18952X66S Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
40/66
ST18952
SSR: SIO Status register
(SIO0 address = 0065h, reset value = 0000 h, read only)
(SIO1 address = 00E5h, reset value = 0000 h, read only)
15
14
13
12
11
10
9876
54
3210
SLRA(7:0)
SCWN(2:0)
0
SROV SRDF STUN STDE
Bit
Function
STDE
SIO Transmit data empty
•
STDE is set when the content of the STDR Data register is transferred into the Trans-
mit Shift register signalling that the STDR Data register is ready to be receive the next
word to be transmitted.
•
If the STIE enable bit is set, an interrupt request occurs on the STI output (STI is low
for 1 MCLK cycle) when STDE is set.
STUN
SIO Transmit underrun
•
STUN is set when the Transmit Shift register is empty and the STDR Data register
has not been filled by the DSP.
•
If another frame syncho occurs, the content of the STDR Data register is transferred
again into the Transmit Shift register and the previous word is re-transmitted.
SRDF
SIO Receive data full
•
SRDF is set when the content of the Receive Shift register has been transferred into
the SRDR Data register, signalling a new word receive. The SRDR Data register is
ready to be read by the DSP.
•
If the SRIE enable bit is set, an interrupt request occurs on the SRI output (SRI is low
for 1 MCLK cycle) when SRDF is set.
SROV
SIO Receive overrun
•
SROV is set when the Receive Shift register is ready to be transferred into the SRDR
Data register, which has not been read by the DSP.
•
If another frame syncho occurs, the content of the Receive Shift register is transferred
into the SRDR Data register and the previous content of SRDR is lost.
Bit 4
Unused and read as ‘0’
SCWN(2:0)
SIO Current word number (SCWN(2) = msb)
•
In normal and microwire modes, SCWN contains the current word number value
since the last frame synchro. In tdm mode, SCWN determines the current slot number
value since the last frame synchro.
SCWN = 0 -> 1st sub-frame / time slot
SCWN = 1 -> 2nd sub-frame / time slot
...
SCWN = 7 -> 8th sub-frame / time slot
SLRA(7:0)
SIO Last received address (bits 15-8)
Must write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com